Part Number Hot Search : 
SBR10U AT42QT10 A2611 0C58SBA XRT95L51 PS256 CMPZ4107 0ETTS
Product Description
Full Text Search
 

To Download CAT3200HU2-GT3 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CAT3200HU2 Low Noise Regulated Charge Pump DC-DC Converter
Description
The CAT3200HU2 is a switched capacitor boost converter that delivers a low noise, regulated output voltage. The CAT3200HU2 gives a fixed regulated 5 V output when the FB pin is tied to ground, otherwise it provides an adjustable output using external resistors. The constant frequency 2 MHz charge pump allows small 1 mF ceramic capacitors to be used. Maximum output loads of up to 100 mA can be supported over a wide range of input supply voltages making the device ideal for battery-powered applications. A shutdown control input allows the device to be placed in power-down mode, reducing the supply current to less than 1 mA. In the event of short circuit or overload conditions, the device is fully protected by both foldback current limiting and thermal overload detection. In addition, a soft start, slew rate control circuit limits inrush current during power-up. The CAT3200HU2 is available in the tiny 8-pad UDFN 2 mm x 2 mm package.
Features
http://onsemi.com
UDFN-8 HU2 SUFFIX CASE 517AW
MARKING DIAGRAM
CAX YM CA = Product Name X = Assembly Location Y = Production Year (Last Digit) M = Production Month (1-9, A, B, C)
* * * * * * * * * * * *
Constant High Frequency (2 MHz) Operation 100 mA Output Current Regulated Output Voltage (5 V Fixed or Adjustable) Low Quiescent Current (1.7 mA Typ.) Soft Start, Slew Rate Control Reverse Leakage Protection Thermal Overload Shutdown Protection Low Value External Capacitors (1 mF) Foldback Current Overload Protection Shutdown Current less than 1 mA 8-pad UDFN 2 mm x 2 mm Package These Devices are Pb-Free, Halogen Free/BFR Free and are RoHS Compliant 3 V to 5 V Boost Conversion 2.5 V to 3.3 V Boost Conversion White LED Driver Handheld Portable Devices
PIN CONNECTIONS
CPOS VIN CNEG PGND (Top View) 1 VOUT FB SHDN SGND
ORDERING INFORMATION
See detailed ordering and shipping information in the package dimensions section on page 2 of this data sheet.
Typical Applications
* * * *
(c) Semiconductor Components Industries, LLC, 2010
April, 2010 - Rev. 0
1
Publication Order Number: CAT3200HU2/D
CAT3200HU2
5 V Output 1 mF CPOS OUT Adjustable Output 1 mF 5V VOUT 100 mA 1 mF VIN 3.3 V CNEG IN CPOS OUT R1 1 mF VOUT 100 mA
VIN 3.3 V ON OFF 1 mF
CNEG IN
CAT3200HU2 SHDN FB SGND PGND
CAT3200HU2 ON OFF SHDN FB SGND PGND 1 mF
R2
VOUT = 5 V
V OUT + 1.27 V
R 1) 1 R2
Figure 1. Typical Application Circuits
Table 1. ORDERING INFORMATION
Orderable Part Number CAT3200HU2-GT3 Output Voltage 5 V and Adjustable Package UDFN-8 Lead Finish NiPdAu Shipping (Note 1) 3,000
1. For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging Specifications Brochure, BRD8011/D.
Table 2. PIN FUNCTION DESCRIPTION
Pin No. 1 2 3 4 5 6 7 8 Pin Name CPOS VIN CNEG PGND SGND SHDN FB VOUT Positive connection for the flying capacitor Input power supply Negative connection for the flying capacitor Power ground Ground reference for all voltages Shutdown control logic input (Active LOW) Feedback to set the output voltage Regulated output voltage Description
Table 3. ABSOLUTE MAXIMUM RATINGS
Rating VIN, VOUT, SHDN, CNEG, CPOS Voltage VOUT Short Circuit Duration Output Current ESD Protection (HBM) Junction Temperature Range Storage Temperature Range Lead Soldering Temperature (10 sec) Value -0.6 to +0.6 Indefinite 200 2000 150 -65 to +160 300 mA V C C C Unit V
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect device reliability.
http://onsemi.com
2
CAT3200HU2
Table 4. RECOMMENDED OPERATING CONDITIONS
Rating VIN for 5 V output VIN for 3.3 V adjustable output CIN, COUT, CFLY ILOAD Ambient Temperature Range Value 2.7 to 4.5 2.2 to 3.0 1 0 to 100 -40 to +85 Unit V V mF mA C
Table 5. ELECTRICAL CHARACTERISTICS
Parameter Regulated Output
(Recommended operating conditions unless otherwise specified. CIN, COUT, CFLY are 1 mF ceramic capacitors and VIN is set to 3.6 V.) Conditions ILOAD v 40 mA, VIN w 2.7 V, VFB = 0 V ILOAD v 100 mA, VIN w 3.1 V, VFB = 0 V Line Regulation Load Regulation Switching Frequency Output Ripple Voltage Efficiency Ground Current Shutdown Input Current FB Voltage FB Input Current Open-Loop Resistance VOUT Turn-on time (10% to 90%) SHDN Logic High Level SHDN Logic Low Level Reverse Leakage into OUT pin Reverse Leakage from IN pin Short-circuit Output Thermal Shutdown Thermal Hysteresis VOUT = 5 V, Shutdown mode, VIN = 3.0 V VOUT = 5 V, Shutdown mode, VIN = 3.0 V VOUT = 0 V ILOAD = 100 mA, VIN = 3 V ILOAD = 0 mA, VIN = 3 V ILOAD = 100 mA, VOUT = 5 V, COUT = 1 mF, excluding ESR on COUT and PCB ILOAD = 50 mA, VIN = 3 V, VOUT = 5 V ILOAD = 0 mA, SHDN = VIN ILOAD = 0 mA, SHDN = 0 V to VIN Adjustable output only 3.1 V v VIN v 4.5 V, ILOAD = 50 mA, VFB = 0 V ILOAD = 10 mA to 100 mA, VIN = 3.6 V, VFB = 0 V VLINE VLOAD FOSC VR h IGND ISHDN VFB IFB ROL TON VIH VIL IROUT IRIN ISC TSD THYST 80 160 20 15 1.3 0.4 30 1 1.22 -50 10 0.5 1.27 1.3 25 77 6 20 2.0 30 81 1.6 2.6 45 85 4 1 1.32 50 mV mV MHz mVp-p % mA mA V nA W ms V V mA mA mA C C Symbol VOUT Min 4.8 Typ 5.0 Max 5.2 Units V
http://onsemi.com
3
CAT3200HU2
(VIN = 3.3 V, VFB = GND (5 V output), CIN = COUT = CFLY = 1 mF, TAMB = 25C) 1.50 SHUTDOWN VOLTAGE (V) 1.25 1.00 0.75 0.50 0.25 0 QUIESCENT CURRENT (mA) 2.7 3.0 3.3 3.6 3.9 4.2 4.5 2.2 2.0 1.8 1.6 1.4 1.2
TYPICAL PERFORMANCE CHARACTERISTICS
2.7
3.0
3.3
3.6
3.9
4.2
4.5
INPUT VOLTAGE (V)
INPUT VOLTAGE (V)
Figure 2. Shutdown Input Threshold vs. Input Voltage
5.2 5.1 OUTPUT VOLTAGE (V) OUTPUT VOLTAGE (V) 5.0 4.9 4.8 4.7 4.6 4.8 IOUT = 40 mA IOUT = 100 mA 5.1 5.2
Figure 3. Quiescent Current vs. Input Voltage (No Load)
VIN = 3.6 V 5.0 VIN = 3.3 V
4.9 VIN = 2.7 V 0 30 60 VIN = 3.0 V 90 120 150
2.7
3.0
3.3
3.6
3.9
4.2
4.5
INPUT VOLTAGE (V)
OUTPUT CURRENT (mA)
Figure 4. Output Voltage vs. Input Voltage
3.0 SWITCHING FREQUENCY (MHz) 250 200 150 100 50 0
Figure 5. Output Voltage vs. Output Current
2.0
1.5
1.0
CURRENT LIMIT (mA)
2.5
2.7
3.0
3.3
3.6
3.9
4.2
4.5
2.7
3.0
3.3
3.6
3.9
4.2
4.5
INPUT VOLTAGE (V)
INPUT VOLTAGE (V)
Figure 6. Oscillator Frequency vs. Input Voltage
Figure 7. Short Circuit Current vs. Input Voltage
http://onsemi.com
4
CAT3200HU2
(VIN = 3.3 V, VFB = GND (5 V output), CIN = COUT = CFLY = 1 mF, TAMB = 25C) 2 OUTPUT VOLTAGE CHANGE (%) 100 90 1 EFFICIENCY (%) 80 70 60 50 40 20 40 60 80 100 30 1 10 OUTPUT CURRENT (mA) 100 VIN = 3.6 V VIN = 2.7 V VIN = 3.0 V VIN = 3.3 V
TYPICAL PERFORMANCE CHARACTERISTICS
0
-1 IOUT = 10 mA -2 -40 -20 0
TEMPERATURE (C)
Figure 8. Output Voltage Change vs. Temperature
Figure 9. Efficiency vs. Output Current
Figure 10. Power Up Waveform (IOUT = 100 mA)
6 5 OUTPUT VOLTAGE (V)
Figure 11. Output Ripple Voltage (IOUT = 100 mA)
VIN = 4.2 V 4 VIN = 3.8 V 3 2 VIN = 3.3 V 1 0
0
50
100
150
200
250
300
LOAD CURRENT (mA)
Figure 12. Load Transient Response
Figure 13. Foldback Current Limit
http://onsemi.com
5
CAT3200HU2
(VIN = 2.5 V, VOUT = 3.3 V (adjustable output), R1 = 16 kW, R2 = 10 kW, CIN = COUT = CFLY = 1 mF, TAMB = 25C) 3.6 3.5 OUTPUT VOLTAGE (V) OUTPUT VOLTAGE (V) 3.4 3.4 3.3 3.2 IOUT = 50 mA 3.1 3.0 3.1 VIN = 2.2 V 0 30 60 90 VIN = 3.0 V 120 150 3.5
TYPICAL PERFORMANCE CHARACTERISTICS
3.3 VIN = 2.5 V 3.2 VIN = 2.7 V
2.0
2.2
2.4
2.6
2.8
3.0
INPUT VOLTAGE (V)
OUTPUT CURRENT (mA)
Figure 14. Output Voltage vs. Input Voltage
90 80 EFFICIENCY (%) 70 60 50 40 30 20 1 10 OUTPUT CURRENT (mA) 100 VIN = 2.2 V VIN = 2.5 V VIN = 2.7 V VIN = 3.0 V 5 4 3 2 1 0
Figure 15. Output Voltage vs. Output Current
OUTPUT VOLTAGE (V)
VIN = 3.0 V VIN = 2.7 V VIN = 2.5 V VIN = 2.2 V
0
25
50
75
100
125
150
175
200
LOAD CURRENT (mA)
Figure 16. Efficiency vs. Output Current
Figure 17. Foldback Current Limit
Figure 18. Power Up Waveform (IOUT = 50 mA)
Figure 19. Output Ripple Voltage (IOUT = 50 mA)
http://onsemi.com
6
CAT3200HU2
Pin Functions VIN is the power supply. During normal operation the device draws a supply current which is almost constant. A very brief interval of non-conduction will occur at the switching frequency. The duration of the non-conduction interval is set by the internal non-overlapping "break-before-make" timing. VIN should be bypassed with a 1 mF to 4.7 mF low ESR (Equivalent Series Resistance) ceramic capacitor. For filtering, a low ESR ceramic bypass capacitor (1 mF) in close proximity to the IN pin prevents noise from being injected back into the power supply. SHDN is the logic control input (active low) that places the device into shutdown mode. The internal logic is CMOS and the pin does not use an internal pull-down resistor. The SHDN pin should not be allowed to float. CPOS, CNEG pins are the positive and negative connections respectively for the charge pump flying capacitor. A low ESR ceramic capacitor (1 mF) should be connected between these pins. During initial power-up it may be possible for the capacitor to experience a voltage reversal and for this reason, avoid using a polarized (tantalum or aluminum) flying capacitor. VOUT is the regulated output voltage to power the load. During normal operation, the device will deliver a train of current pulses to the pin at a frequency of 2 MHz. Adequate filtering on the pin can typically be achieved through the use of a low ESR ceramic bypass capacitor (1 mF to 4.7 mF) in close proximity to the VOUT pin. The ESR of the output capacitor will directly influence the output ripple voltage. When the shutdown mode is entered, the output is immediately isolated from the input supply, however, the output will remain connected to the internal feedback resistor network (400 kW). The feedback network will result in a reverse current of 10 mA to 20 mA to flow back through the device to ground. Whenever the device is taken out of shutdown mode, the output voltage will experience a slew rate controlled power-up. Full operating voltage is typically achieved in less than 0.5 ms. SGND is the ground reference for all voltages on the CAT3200HU2. FB is the feedback input pin. An output divider should be connected from VOUT to FB to program the output voltage when used in adjustable output mode. When used in 5 V fixed output mode, connect the FB pin directly to GND. PGND is the power ground.
Device Operation
error signal. A 2-phase non-overlapping clock activates the charge pump switches. The flying capacitor is charged from the IN voltage on the first phase of the clock. On the second phase of the clock it is stacked in series with the input voltage and connected to VOUT. The charging and discharging the flying capacitor continues at a free running frequency of typically 2 MHz. In shutdown mode all circuitry is turned off and the CAT3200HU2 draws only leakage current from the VIN supply. VOUT is disconnected from VIN. The SHDN pin is a CMOS input with a threshold voltage of approximately 0.8 V. The CAT3200HU2 is in shutdown when a logic LOW is applied to the SHDN pin. The SHDN pin is a high impedance CMOS input. SHDN does not have an internal pull-down resistor and should not be allowed to float. It must always be driven with a valid logic level.
Short-Circuit and Thermal Protection
The CAT3200HU2 has built-in short-circuit current limiting and over temperature protection. During overload conditions, output current is limited to approximately 225 mA. At higher temperatures, or if the input voltage is high enough to cause excessive chip self heating, the thermal shutdown circuit shuts down the charge pump as the junction temperature exceeds approximately 160C. Once the junction temperature drops back to approximately 140C, the charge pump is enabled. The CAT3200HU2 will cycle in and out of thermal shutdown indefinitely without latch-up or damage until a short-circuit on VOUT is removed.
Programming the CAT3200HU2 Output Voltage (FB Pin)
The CAT3200HU2 version has an internal resistive divider to program the output voltage. The programmable CAT3200HU2 may be set to an arbitrary voltage via an external resistive divider. Since it employs a voltage doubling charge pump, it is not possible to achieve output voltages greater than twice the available input voltage. Figure 20 shows the required voltage divider connection. The voltage divider ratio is given by the formula:
R1 + V OUT * 1 R2 1.27 V
Typical values for total voltage divider resistance can range from several kW up to 1 MW.
1 2 CPOS IN 3 CNEG OUT FB 6 PGND SHDN SGND 8 7 4 5 R1 R2 VOUT 1.27 V COUT 1 ) R1 R2
The CAT3200HU2 uses a switched capacitor charge pump to boost the voltage at IN to a regulated output voltage. Regulation is achieved by sensing the output voltage through an internal resistor divider (FB pin = GND) and modulating the charge pump output current based on the
Figure 20. Programming the Adjustable Output
http://onsemi.com
7
CAT3200HU2
Application Information
Ceramic Capacitors Output Ripple
Ceramic capacitors of different dielectric materials lose their capacitance with higher temperature and voltage at different rates. For example, a capacitor made of X5R or X7R material will retain most of its capacitance from -40C to 85C whereas a Z5U or Y5V style capacitor will lose considerable capacitance over that range. Z5U and Y5V capacitors may also have voltage coefficient causing them to lose 60% or more of their capacitance when the rated voltage is applied. When comparing different capacitors it is often useful to consider the amount of achievable capacitance for a given case size rather than discussing the specified capacitance value. For example, over rated voltage and temperature conditions, a 1 mF, 10 V, Y5V ceramic capacitor in an 0603 case may not provide any more capacitance than a 0.22 mF, 10 V, X7R available in the same 0603 case. For many CAT3200HU2 applications these capacitors can be considered roughly equivalent.
The output ripple voltage is related to the output capacitor size COUT and ESR (equivalent series resistance) and can be calculated using the formula below:
V R + I LOAD (2 @ F OSC @ C OUT) ) 2 @ ESR COUT @ I LOAD
where FOSC is the switching frequency.
Efficiency
The efficiency is basically set by the ratio between the input voltage VIN and the output voltage VOUT, and can be calculated using the formula below:
Efficiency [%] + 100 @ P OUT + 100 @ V OUT @ I LOAD P IN (V IN @ I IN)
where FOSC is the switching frequency, and
I IN + I GND ) 2 @ I LOAD
If we neglect the Ground current (IGND), then the efficiency is basically equal to:
Efficiency [%] ^ 100 @ V OUT (2 @ V IN)
http://onsemi.com
8
CAT3200HU2
PACKAGE DIMENSIONS
UDFN8, 2x2 CASE 517AW-01 ISSUE O
D A D2 DETAIL A
E
E2 PIN #1 IDENTIFICATION A1
PIN #1 INDEX AREA TOP VIEW SIDE VIEW BOTTOM VIEW
SYMBOL A A1 b D D2 E E2 e L
MIN 0.45 0.00 0.18 1.90 1.50 1.90 0.80 0.20
NOM 0.50 0.02 0.25 2.00 1.60 2.00 0.90 0.50 BSC 0.30
MAX 0.55 0.05 0.30 2.10 1.70 2.10 1.00 0.45 DETAIL A L e b
Notes: (1) All dimensions are in millimeters. (2) Complies with JEDEC MO-229.
ON Semiconductor and are registered trademarks of Semiconductor Components Industries, LLC (SCILLC). SCILLC reserves the right to make changes without further notice to any products herein. SCILLC makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does SCILLC assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental damages. "Typical" parameters which may be provided in SCILLC data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All operating parameters, including "Typicals" must be validated for each customer application by customer's technical experts. SCILLC does not convey any license under its patent rights nor the rights of others. SCILLC products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the SCILLC product could create a situation where personal injury or death may occur. Should Buyer purchase or use SCILLC products for any such unintended or unauthorized application, Buyer shall indemnify and hold SCILLC and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that SCILLC was negligent regarding the design or manufacture of the part. SCILLC is an Equal Opportunity/Affirmative Action Employer. This literature is subject to all applicable copyright laws and is not for resale in any manner.
PUBLICATION ORDERING INFORMATION
LITERATURE FULFILLMENT: Literature Distribution Center for ON Semiconductor P.O. Box 5163, Denver, Colorado 80217 USA Phone: 303-675-2175 or 800-344-3860 Toll Free USA/Canada Fax: 303-675-2176 or 800-344-3867 Toll Free USA/Canada Email: orderlit@onsemi.com N. American Technical Support: 800-282-9855 Toll Free USA/Canada Europe, Middle East and Africa Technical Support: Phone: 421 33 790 2910 Japan Customer Focus Center Phone: 81-3-5773-3850 ON Semiconductor Website: www.onsemi.com Order Literature: http://www.onsemi.com/orderlit For additional information, please contact your local Sales Representative
http://onsemi.com
9
CAT3200HU2/D


▲Up To Search▲   

 
Price & Availability of CAT3200HU2-GT3

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X